Part Number Hot Search : 
IC16F6 2SD18 2SB17 2SB828 SF205 UCN5842 AM6922NH 0176FN
Product Description
Full Text Search
 

To Download RV20N215SKC100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RV20N2 Series
TOCOS
PA N E L C O N T R O L S
(R)
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2-15SK
Features
20mm diameter, single-turn industrial panel controls Carbon film element Single unit, single shaft Plastic 15mm standard shaft length Plastic 6mm diameter 10mm knurled shaft for fingertip adjustment Plastic M9 P0.75 bushing Panel mounting style only Right angle lug terminals Linear or audio tapers 500 to 2M nominal resistance range Meets UL 94HB flammability requirements for plastic materials
Specifications
Electrical
Standard Resistance Range . . . . . . . . . B = 500 to 2M A,C = 1k to 2M Resistance Tolerance . . . . . . . . . . . . . . . . . 20% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . B = linear; A = CW audio (logarithm); C = CCW audio (logarithm) Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 3% max. Power Rating . . . . . . . 0.40 watt at 40 C, 0 watt at 80 C Maximum Input Voltage . . . . . B = 250VDC; A,C = 200VDC or power rating, whichever is smaller Insulation Resistance . . . . . . . 100M minimum at 500VDC Wiper Current . . . . . . . . . . . . . . . . . 20mA max. at minimum resistance value Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 245 10 Load Life . . . . . . . . . . . .
Environmental
Temperature Range . . . . . . . . . . . . . . . . . . Temperature Characteristics . . . . . . . . . . . 10 C to 80 C 80 C, 5 hours without load R ) 10k (c) T/R ) 6% 10k ! R ) 1M (c) T/R ) 10% R 1 1M (c) T/R ) 15% 40 C, 1,000 hours with rated load T/R ) 15%
Moisture and Load Life . . . . . . . . . . . . 40 C, 90-95%RH, 90 minutes on, 30 minutes off, 500 hours with rated load T/R ) 10%~ 15% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions, 2 hours each T/R ) 2.5% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 2% Rotational Life . . . . . . . . . . . . . . .15,000 cycles without load T/R ) 7%
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 290 10 Shaft Torque . . . . . . . . 30 to 200 gf*cm (0.42 to 2.77 oz*in) Stop Strength . . . . . . . . . . . . . 9 kgf* cm (124.76 oz*in) min. Mounting Nut Torque . . . . . . . 7 kgf* cm (97.04 oz*in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . 235 C, 2.5 seconds Marking . . . . . . . . . . . . . . . . . . Model type, taper, resistance, shaft type, terminal identification, date code
R = Total Resistance Value; T/R = Total Resistance Change
30
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV20N2 Series
RV20N2
Dimensions
Unit: mm
Panel Mount, Single Unit, Single Knurled Black Plastic Shaft Right Angle Ear-Lug Terminals
Recommended Panel Mounting Holes
Part Numbering System
RV 20 N2 20 SK B 103 M
NOTE: FMS = From Mounting Surface
Resistance Tolerance: M =
20% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 105 = 1,000,000 ). See table for standard resistance values. Resistance Taper: B = Linear. A = CW Audio (logarithm). C = CCW Audio (logarithm). Shaft End Style: SK = Knurled and Slotted. Standard Shaft Length: 15 = 15 mm FMS. Style: N2 = Panel Mount, Single Unit, Knurled Black Plastic Shaft, Right Angle Ear-Lug Terminals. Size: 20 = 20mm Diameter. TOCOS Series Name: RV = Carbon Film Element.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 500 Code 501 Resistance ( ) 1,000 2,000 5,000 Code 102 202 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 200,000 500,000 Code 104 204 504 Resistance ( ) 1,000,000 2,000,000 Code 105 205
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
31


▲Up To Search▲   

 
Price & Availability of RV20N215SKC100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X